3~8mm vari-focal lens CAS-1200 h/w version: 2 1. 4-pin auto-iris connector 2. monitor distance adjustment 3. focal length adjustment CAS-1200, a cs-mount vari-focal lens, is a great accessory for any system installer using several box- type cameras. CAS-1200 has an f-1.4 auto-iris that adjusts automatically to bring fexible light control to box-type cameras, rendering the highest-quality images available. this is useful for deployments using the same cameras installed in several diferent lighting environments like garages, warehouse loading docks, street monitor, and etc. in addition, ir lens avoids shifts of focus points in both visible and infrared ranges, ensuring clear vision in day and night surveillance. works well with 1 fcs-1070 day/night network camera fcs-1081a poe network camera with audio fcs-1091 day/night poe ip network camera wcs-2070 11g wireless day/night network camera wcs-1090 11b/g wireless day/night ip network camera 2 3
network camera www.level1.com i one world_one brand_one level_ sensing area 1/3" ccd focal length 3.0 ~ 8.0mm f/no 1.4 iris dc-drive auto iris view angle diagonal: 118.7~44.1 horizontal: 93.4~34.6 vertical: 68.7 ~26.0 focus extent cs operating temperature -10c~50c dimension 44 x 59mm weight 88g technical specifcation order information CAS-1200: 3~8mm vari-focal lens package contents CAS-1200 all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. v2.0
|